Part Number Hot Search : 
AD8602AR 71WS256 200GB T600C A1774 2SD668 ADP7105 A12BB
Product Description
Full Text Search
 

To Download IRLZ44N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 9.1346B
IRLZ44N
HEXFET(R) Power MOSFET
l l l l l l
Logic-Level Gate Drive Advanced Process Technology Dynamic dv/dt Rating 175C Operating Temperature Fast Switching Fully Avalanche Rated
D
VDSS = 55V
G S
RDS(on) = 0.022 ID = 47A
Description
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve the lowest possible on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient device for use in a wide variety of applications. The TO-220 package is universally preferred for all commercial-industrial applications at power dissipation levels to approximately 50 watts. The low thermal resistance and low package cost of the TO-220 contribute to its wide acceptance throughout the industry.
TO-220AB
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS EAS IAR EAR dv/dt TJ T STG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds Mounting torque, 6-32 or M3 screw.
Max.
47 33 160 110 0.71 16 210 25 11 5.0 -55 to + 175 300 (1.6mm from case) 10 lbf*in (1.1N*m)
Units
A W W/C V mJ A mJ V/ns C
Thermal Resistance
Parameter
RJC RCS RJA Junction-to-Case Case-to-Sink, Flat, Greased Surface Junction-to-Ambient
Min.
---- ---- ----
Typ.
---- 0.50 ----
Max.
1.4 ---- 62
Units
C/W
8/25/97
IRLZ44N
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss
Max. Units Conditions --- V VGS = 0V, I D = 250A --- V/C Reference to 25C, I D = 1mA 0.022 VGS = 10V, ID = 25A 0.025 VGS = 5.0V, I D = 25A 0.035 VGS = 4.0V, I D = 21A 2.0 V VDS = VGS , ID = 250A --- S VDS = 25V, I D = 25A 25 VDS = 55V, VGS = 0V A 250 VDS = 44V, VGS = 0V, TJ = 150C 100 V GS = 16V nA -100 VGS = -16V 48 ID = 25A 8.6 nC VDS = 44V 25 V GS = 5.0V, See Fig. 6 and 13 --- VDD = 28V --- I D = 25A ns --- RG = 3.4, VGS = 5.0V --- RD = 1.1, See Fig. 10 Between lead, --- 4.5 --- 6mm (0.25in.) nH from package --- 7.5 --- and center of die contact --- 1700 --- VGS = 0V --- 400 --- pF VDS = 25V --- 150 --- = 1.0MHz, See Fig. 5
Min. 55 --- --- --- --- 1.0 21 --- --- --- --- --- --- --- --- --- --- ---
Typ. --- 0.070 --- --- --- --- --- --- --- --- --- --- --- --- 11 84 26 15
D
G
S
Source-Drain Ratings and Characteristics
IS
ISM
VSD t rr Q rr t on
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge Forward Turn-On Time
Min. Typ. Max. Units
Conditions MOSFET symbol --- --- 47 showing the A G integral reverse --- --- 160 p-n junction diode. --- --- 1.3 V TJ = 25C, IS = 25A, VGS = 0V --- 80 120 ns TJ = 25C, IF = 25A --- 210 320 nC di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
D
S
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 ) VDD = 25V, starting TJ = 25C, L = 470H RG = 25, IAS = 25A. (See Figure 12)
Notes:
I SD 25A, di/dt 270A/s, VDD V(BR)DSS , Pulse width 300s; duty cycle 2%.
TJ 175C
IRLZ44N
1000
VGS 15V 12V 10V 8.0V 6.0V 4.0V 3.0V BOTTOM 2.5V TOP
1000
ID , D ra in -to -S o u rce C u rre n t (A )
100
ID , D ra in -to -S o u rce C u rre n t (A )
VGS 15V 12V 10V 8.0V 6.0V 4.0V 3.0V BOTT OM 2.5V TOP
100
10
10
2 .5V
2.5 V 2 0 s PU L SE W ID TH T J = 2 5C
0.1 1 10
1
A
1 0.1 1
20 s PU LSE W ID TH T J = 1 75C
10
A
100
100
V D S , Drain-to-S ource Voltage (V )
V D S , Drain-to-Source V oltage (V )
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000
3.0
R D S (o n ) , D ra in -to -S o u rc e O n R e si sta n ce (N o rm a li ze d )
I D = 4 1A
I D , D r ain- to-S ourc e C urre nt (A )
2.5
T J = 2 5 C
100
2.0
TJ = 1 7 5 C
1.5
10
1.0
0.5
1 2.0 3.0 4.0 5.0
V DS = 2 5 V 2 0 s P U L S E W ID T H
6.0 7.0 8.0 9.0
A
0.0 -60 -40 -20 0 20 40 60 80
V G S = 10 V
100 120 140 160 180
A
V G S , Ga te-to-S o urce V oltage (V )
T J , Junction T em perature (C )
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
IRLZ44N
2800
2400
V G S , G a te -to -S o u rce V o lta g e (V )
C is s C , C a p a cita n ce (p F )
2000
V GS C iss C rss C oss
= = = =
0V, f = 1 MH z C gs + C gd , C ds SH O R TED C gd C ds + C gd
15
I D = 25A V D S = 44 V V D S = 28 V
12
1600
9
1200
C o ss
6
800
C rss
400
3
0 1 10 100
A
0 0 10 20 30
FO R TEST CIR CU IT SEE FIG UR E 13
40 50 60 70
A
V D S , Drain-to-Source V oltage (V)
Q G , T otal Gate C harge (nC )
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000
1000
I S D , R e v e rse D ra in C u rre n t (A )
OPE R ATIO N IN TH IS A RE A LIMITE D BY R D S(o n)
I D , D ra in C u rre n t (A )
100
10s
100
100 s
TJ = 17 5C T J = 25 C
10 1m s
10 0.4 0.8 1.2 1.6
VG S = 0 V
2.0
A
1 1
T C = 25 C T J = 17 5C S ing le Pulse
10
10m s
2.4
A
100
V S D , S ource-to-Drain Voltage (V )
V D S , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
IRLZ44N
50
VDS
40
RD
VGS RG
D.U.T.
+
I D , Drain Current (A)
- VDD
30
5.0V
20
Pulse Width 1 s Duty Factor 0.1 %
Fig 10a. Switching Time Test Circuit
10
VDS 90%
0 25 50 75 100 125 150 175
TC , Case Temperature
( C)
10% VGS
td(on) tr t d(off) tf
Fig 9. Maximum Drain Current Vs. Case Temperature
Fig 10b. Switching Time Waveforms
10
Thermal Response (Z thJC )
1
D = 0.50 0.20 0.10 P DM t1 SINGLE PULSE (THERMAL RESPONSE) Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1 t2
0.1
0.05 0.02 0.01
0.01 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
IRLZ44N
VDS D.U.T. RG + V - DD
5.0 V
E A S , S in g le P u ls e A va la n c h e E n e rg y (m J)
L
500
TO P
400
B OTTO M
ID 10 A 1 7A 25 A
IAS tp
0.01
300
200
Fig 12a. Unclamped Inductive Test Circuit
100
V(BR)DSS tp VDD VDS
0 25
VD D = 2 5V
50 75 100 125 150
A
175
Starting T J , Junction Temperature (C)
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
IAS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
5.0 V
QGS VG QGD
VGS
3mA
D.U.T.
+ V - DS
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
IRLZ44N
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ VDD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFETS
IRLZ44N
Package Outline
TO-220AB Outline Dimensions are shown in millimeters (inches)
2 . 8 7 ( .1 1 3 ) 2 . 6 2 ( .1 0 3 ) 1 0 . 5 4 (. 4 1 5 ) 1 0 . 2 9 (. 4 0 5 ) 3 . 7 8 (. 1 4 9 ) 3 . 5 4 (. 1 3 9 ) -A6 . 4 7 (. 2 5 5 ) 6 . 1 0 (. 2 4 0 ) -B4 . 6 9 ( .1 8 5 ) 4 . 2 0 ( .1 6 5 ) 1 .3 2 (. 0 5 2 ) 1 .2 2 (. 0 4 8 )
4 1 5 . 2 4 ( .6 0 0 ) 1 4 . 8 4 ( .5 8 4 )
1 . 1 5 ( .0 4 5 ) M IN 1 2 3
L E A D A S S IG N M E N T S 1 - G A TE 2 - D R AIN 3 - SO URCE 4 - D R AIN
1 4 . 0 9 (.5 5 5 ) 1 3 . 4 7 (.5 3 0 )
4 . 0 6 (. 1 6 0 ) 3 . 5 5 (. 1 4 0 )
3X
1 .4 0 (. 0 5 5 ) 1 .1 5 (. 0 4 5 )
0 . 9 3 ( .0 3 7 ) 3 X 0 . 6 9 ( .0 2 7 ) 0 .3 6 (. 0 1 4 ) M BA M
3X
0 . 5 5 (. 0 2 2 ) 0 . 4 6 (. 0 1 8 )
2 . 5 4 ( .1 0 0 ) 2X NO TE S : 1 D I M E N S IO N I N G & T O L E R A N C IN G P E R A N S I Y 1 4 .5 M , 1 9 8 2 . 2 C O N T R O L L I N G D IM E N S IO N : I N C H
2 .9 2 (. 1 1 5 ) 2 .6 4 (. 1 0 4 )
3 O U T L IN E C O N F O R M S T O J E D E C O U T L I N E T O -2 2 0 -A B . 4 H E A T S IN K & L E A D M E A S U R E M E N T S D O N O T IN C L U D E B U R R S .
Part Marking Information
TO-220AB E X AM PL E : T H IS I S A N IR F1 010 W IT H A S S E MB LY L OT CO D E 9 B1M
A
I NT E RN A TIO N AL R E C TIF IE R LOG O A SS E MB LY LOT C OD E
P AR T NU M BE R IRF 10 10 9246 9B 1 M
D A TE C OD E (Y YW W ) Y Y = YE A R W W = W EE K
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331 EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020 IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111 IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086 IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371 http://www.irf.com/ Data and specifications subject to change without notice. 8/97


▲Up To Search▲   

 
Price & Availability of IRLZ44N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X